br236 miniature 25 amps ? 3pdt magnetic latching to mil - prf - 6106 specifications general contact arrangement .......................... 3pdt (3 form c) magnetic latching weight ................................ .......................... 3.0 oz approx. designed to meet the requirements of mil - prf - 6106 performance contact rating (note 1): resistive ................................ ... 25 amps @ 28 vdc or 115/208v 400 hz (case grounded) inductive ........................ 15 amps @ 115/208v 400 hz (case grounded) 12 amps @ 28 vdc (case grounded) motor ................................ ......... 10 amps @ 28 vdc or 115/208v 400 hz (case grounded) lamp ................................ .......... 5 amps @ 28 vdc or 115/208v 400 hz (case grounded) life ....................... 50,000 operations minimum @ rated resistive load, 125 o c latch/reset power ................................ .. 500 mw approx. latch/reset time: dc coil ac coil 15 ms max 50 ms max excluding bounce time at nominal coil voltage contact bounce time ................................ ....... 1 ms max @ rated contact load, 28 vdc contact voltage drop : before life ............................. 150 mv max @ 25 amps and 6 vdc after life ................................ 175 mv max @ 25 amps and 6 vdc environmental temperature range ............................... - 70 o c to +125 o c vibration (note 2) .............................. 0.12" da 10 - 70 h z 30 g's 70 - 3,000 hz shock (operating) (note 2) ......................... 200 g's 6 ms electrical characteristics duty cycle ................................ ........................ continuous insulation resistance ............................... 100 megohms @ 500v 25 o c dielectric strength: sea level: contact to case ................................ ... 1,250 vrms contact to coil ................................ ..... 1,250 vrms coil to case ................................ ......... 1,000 vrms across open contacts ........................ 1,250 vrms 80,000 feet: all points ................................ ................. 350 vrms notes: 1. for other ratings consult the factory. 3. ac coil line frequency 50 to 400 hz. 2. for applications requiring higher s hock and vibration, consult the factory. 14930 e. alondra blvd., la mirada, ca 90638 - 5752 (714) 994 - 6500 fax (714) 994 - 3013 w:2000 rev. 4
----------------------------------------------------- ---------- relay type --------------------------------------------- nominal coil resistance ---------------------------------- terminal style --------------------------- mounting type --------------- nominal coil voltage br236 - 450 c 2 - 28v br236 coil data: model br236 part number br236 - 28()() - 6v br236 - 112()() - 12v br236 - 450()() - 28v br236 - 1500()() - 48v br236ac - ()() - 115v (note 3) nominal coil voltage 6 vdc 12 vdc 28 vdc 48 vdc 115 vac maximum coil voltage 8 vdc 15 vdc 29 vdc 59 vdc 122 vac latch/reset voltage (max @ +125 o c) 4.5 vdc 9 vdc 18 vdc 36 vdc 90 vac latch/reset voltage (max) 3 vdc 6 vdc 13 vdc 24 vdc 72 vac coil resistance 10% @ 25 o c 28 ohms 112 ohms 450 ohms 1500 ohms i = 0.04 amps schematic terminal view terminal styles mounting codes general notes ? unless otherwise specified, all tests made at nominal coil voltages, @ 25 o c. ? for spec ial coil variations, switching configurations, terminals styles and mounting types, consult the factory. ? unless otherwise specified, tolerances on decimal dimensions are .010". ? specifications contained herein are subject to change wi thout notice. 14930 e. alondra blvd., la mirada, ca 90638 - 5752 (714) 994 - 6500 fax (714) 994 - 3013 wp99, rev. 3
|